PART |
Description |
Maker |
CM75DY-24H |
Dual IGBTMOD 75 Amperes/1200 Volts 75 A, 1200 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... Powerex Power Semiconductors Powerex, Inc.
|
APT25GT120BRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 25; 54 A, 1200 V, N-CHANNEL IGBT, TO-247AA
|
Advanced Power Technology, Ltd.
|
APT50GT120B2RDQ2G |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: T-MAX™ [B2]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 50; 94 A, 1200 V, N-CHANNEL IGBT, TO-247
|
Microsemi, Corp.
|
CM200DY-24H |
Dual IGBTMOD 200 Amperes/1200 Volts 200 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
CM150DY-24H |
Dual IGBTMOD 150 Amperes/1200 Volts 150 A, 1200 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... Powerex Power Semiconductors Powerex, Inc.
|
STTH6012 STTH6012W |
60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-247 Ultrafast recovery - 1200 V diode
|
STMicroelectronics
|
APT150GT120JR |
Thunderbolt IGBT Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: ISOTOP®; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 90; 170 A, 1200 V, N-CHANNEL IGBT
|
Microsemi Corporation Microsemi, Corp.
|
CD411230 CD411630 |
Dual Diode 30 Amperes/1200-1600 Volts Dual Diode POW-R-BLOK Modules(30 Amperes/1200-1600 Volts) 30 A, 1200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
MGY25N120_D ON1934 MGY25N120 |
Insulated Gate Bipolar Transistor 38 A, 1200 V, N-CHANNEL IGBT, TO-264 IGBT IN TO-264 A @ 90 38 A @ 25 1200 VOLTS SHORT CIRCUIT RATED From old datasheet system
|
ONSEMI[ON Semiconductor]
|
APT26F120L APT26F120B2 APT26F120B209 |
Power FREDFET; Package: TO-264 [L]; ID (A): 27; RDS(on) (Ohms): 0.58; BVDSS (V): 1200; 27 A, 1200 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: T-MAX™; ID (A): 27; RDS(on) (Ohms): 0.58; BVDSS (V): 1200; 27 A, 1200 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel FREDFET
|
Microsemi, Corp. Microsemi Corporation
|
1214-30 |
30 W, 28 V, 1200-1400 MHz common base transistor 30 Watts, 28 Volts, Pulsed Radar 1200 - 1400 MHz BJT
|
GHZTECH[GHz Technology]
|
|